PART |
Description |
Maker |
AS7C25512NTF32_36A AS7C25512NTF36A-10TQC AS7C25512 |
2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 7.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/AMMO DIODE, ZENER, 24V, 5%, 1W& DIODE ZENER SINGLE 1000mW 33Vz 7.5mA-Izt 0.05 5uA-Ir 25.1Vr DO41-GLASS 5K/REEL NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
GVT71512B18 GVT71256B36 |
(GVT7xxxx) 256K x 36 / 512K x 18 Sunchronous Burse Flowthrough SRAM
|
Cypress Semiconductor
|
AS7C33256NTF18B AS7C33256NTF18B.V1.3 AS7C33256NTF1 |
3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD 256K X 18 ZBT SRAM, 8 ns, PQFP100 3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD 256K X 18 ZBT SRAM, 7.5 ns, PQFP100 From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C33512NTF18A AS7C33512NTF18A.V.1.1 AS7C33512NTF |
3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 512K X 18 ZBT SRAM, 10 ns, PQFP100 3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 512K X 18 ZBT SRAM, 7.5 ns, PQFP100 From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C251MNTF18A-85TQI AS7C251MNTF18A AS7C251MNTF18A |
2.5V 1M x 18 Flowthrough Synchronous SRAM with NTD 1M X 18 ZBT SRAM, 10 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1365V25 CY7C1363V25 CY7C1361V25 7C1361V |
256K x 36/256K x 32/512K x 18 Flowthrough SRAM From old datasheet system
|
Cypress
|
AS7C331MNTF18A.V1.2 AS7C331MNTF18A-85TQIN AS7C331M |
LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1365V25 |
512K x 18 Flowthrough SRAM(512K x 18 流通式 SRAM) 直通为512k × 18的SRAM(为512k × 18流通式的SRAM
|
Cypress Semiconductor Corp.
|
IDT71V67903S80BGI IDT71V67903S75BG IDT71V67903S75B |
3.3V 512K x 18 Synchronous 3.3V I/O Flowthrough SRAM 256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect 512K X 18 CACHE SRAM, 7.5 ns, PBGA165 256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect 512K X 18 CACHE SRAM, 7.5 ns, PBGA119 256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect 512K X 18 CACHE SRAM, 8 ns, PBGA119
|
IDT Integrated Device Technology, Inc.
|